PART |
Description |
Maker |
LTC2292CUP LTC2291CUP LTC2293CUP |
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs 2位,65/40/25Msps低功V的模数转换器
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC2287 LTC2288 LTC2286 LTC2286CUP LTC2286IUP LTC2 |
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology
|
LTC2286 LTC2286CUP LTC2286IUP LTC2286UP LTC2287 LT |
Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
|
Linear Technology Corporation
|
LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC557 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs 2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64
|
Linear Technology, Corp.
|
LTC1410 LTC1410C LTC1410CG LTC1410CSW LTC1410I LTC |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 12-Bit/ 1.25Msps Sampling A/D Converter with Shutdown 12-Bit, 1.25Msps Sampling A/D Converter with Shutdown From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC2246 LTC2247 LTC2248 |
14-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC1851 LTC1850 18501I |
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs From old datasheet system
|
Linear
|
LTC2172-12 |
(LTC217x-12) 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2203IUKTRPBF LTC2202IUKPBF LTC2203CUK LTC2203-1 |
16-Bit, 25Msps ADC; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48 16-Bit, 10Msps ADC; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48 16-Bit, 25Msps ADC; Package: QFN; No of Pins: 48; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48 16-Bit, 25Msps/10Msps ADCs
|
Linear Technology, Corp.
|